PART |
Description |
Maker |
AD9765 DAC_12B_10-100NS AD568 AD9742 AD9752 AD9753 |
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
|
Analog Devices, Inc. AD[Analog Devices]
|
PA-1001A1AP1Y PA1001A PCA-121P3Z PA-1001A PA-1001A |
Signal Conditioners / Converters Instalation / Operation Manual SIGNAL CONDITIONER & CONVERTERS DEM9PH SIGNAL CONDITIONER & CONVERTERS 信号调理 PT 8C 8#16 SKT PLUG 信号调理
|
Flowmetrics http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FMS3810 FMS3810_3815 FMS3810KRC FMS3815KRC FMS3815 |
150MHz Triple Video 8-Bit D/A Converters 100MHz Triple Video 8-Bit D/A Converters From old datasheet system Triple Video D/A Converters 3 x 8 bit, 150 Ms/s Triple Video D/A Converters 3 x 8 bit/ 150 Ms/s
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TEL154822 TEL154823 TEL152410 TEL152411 TEL152412 |
DC/DC Converters DC/DC Converters DC/DC Converters - TEL 15 Series, 15 Watt
|
TRACO Electronic AG
|
MCH2805S/883 MCH2805D/883 MCH2815S/883 MCH285R2D/8 |
DC/DC CONVERTERS 28 VOLT INPUT DC / DC转换28伏的输入 DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADC0802 ADC0802LCD ADC0802LD ADC0803LCWM ADC0803LD |
From old datasheet system 8-Bit, Microprocessor-August Compatible, A/D Converters 8-Bit, Microprocessor- Compatible, A/D Converters 8-Bit/ Microprocessor- Compatible/ A/D Converters
|
http:// INTERSIL[Intersil Corporation]
|
TSC-1D4815N TSC-3QD4815N TSC-1S2405N TSC-1S2412N T |
DC/DC CONVERTERS DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
|
Tumbler Technologies TRUM... http:// Tumbler Technologies TRUMPower Tumbler Technologies ...
|
TC1219 TC1219ECH TC1220ECH TC1220 TC1219ECHTR TC12 |
The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 2.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequenc (TC1220) Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1219) Switched Capacitor Voltage Converters with Shutdown in SOT Packages Switched Capacitor Voltage Converters with Shutdown in SOT Packages 开关电容电压转换器与关机采用SOT封装
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|