PART |
Description |
Maker |
15ETH03S 15ETH03 15ETH03-1 |
300V 15A Ultra-Fast Discrete Diode in a D2-Pak (UltraFast) package 300V 15A Ultra-Fast Discrete Diode in a TO-262 package 300V 15A Ultra-Fast Discrete Diode in a TO-220AC package Ultrafast Rectifier
|
IRF[International Rectifier]
|
8ETH03 8ETH03S 8ETH03-1 |
Ultrafast Rectifier 300V 8A Ultra-Fast Discrete Diode in a TO-262 package 300V 8A Ultra-Fast Discrete Diode in a D2-Pak (UltraFast) package
|
IRF[International Rectifier]
|
30EPH03 |
300V 30A Ultra-Fast Discrete Diode in a TO-247 (2 LEAD) package Ultrafast Rectifier
|
IRF[International Rectifier]
|
2SA1978 2SA1978NE97833 2SA1978-T1B |
fT=4GHz PNP Bip Tr PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER Discrete
|
NEC[NEC] NEC Corp.
|
2SA1767 2SA1767Q |
TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 70MA I(C) | TO-92
|
Matsshita / Panasonic
|
STP12NK30Z |
N-CHANNEL 300V 0.36 OHM 9A TO-220 ZENER-PROTECTED SUPER-MESH POWER MOSFET N-CHANNEL 300V - 0.36ohm - 9A - TO-220 Zener-Protected SuperMESH Power MOSFET N-CHANNEL 300V - 0.36ohm - 9A - TO-220 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 300V - 0.36ohm - 9A - TO-220 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 300V - 0.36ohm - 9A - TO-220 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FZT705 FZT705TC FZT704TA FZT705TA FZT704 |
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR PNP Darlington Transistor Discrete - Bipolar Transistors - Darlington Transistors
|
List of Unclassifed Manufac... List of Unclassifed Manufacturers Diodes Incorporated http:// Diodes Inc. Zetex Semiconductors
|
ZXTP25040DFH ZXTP25040DFHTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 40V SOT23 PNP medium power transistor
|
Diodes Incorporated
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
3590S-2-502 3590S-2-503 3540S-1-501 3540S-1-502 35 |
DREHPOTENTIOMETER ZEHN DRAHTWEN 5K 450V Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits DREHPOTENTIOMETER ZEHN DRAHTWEN 5K 447V DREHPOTENTIOMETER ZEHN DRAHTWEN200R 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 20K 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 1K 450V DREHPOTENTIOMETER ZEHN DRAHTWEN200R 450V SERVOPOTENTIOMETER LEITPLAS 5K 300V 1W SERVOPOTENTIOMETER LEITPLAS 50K 300V 1W DREHPOTENTIOMETER EIN CERMET 5K 1W 300V SERVOPOTENTIOMETER LEITPLAS 1K 300V 1W SERVOPOTENTIOMETER LEITPLAS 20K 300V 1W DREHPOTENTIOMETER EIN CERMET 10K 1W 300V DREHPOTENTIOMETER艾因金属陶瓷10,000 1W00V DREHPOTENTIOMETER ZEHN DRAHTWEN 10K 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 10,000 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 20K 450V DREHPOTENTIOMETER ZEHN DRAHTWEN 20,000 450V
|
Bourns, Inc.
|
PVA3324N PVA3324NS PVA3354N PVA3354NS PVA2352N PVA |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole/ Normally-Open 0-300V AC/DC/ 150mA Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开0 - 300V交流/直流50mA
|
International Rectifier, Corp.
|
VSMP1206 |
Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty Z -基大块金属箔技术离散高精度表面贴装芯片电阻,高功率-卓越的长期稳 Resistors, fixed discrete
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|