PART |
Description |
Maker |
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
ADT7483AARQZ-REEL ADT7483AARQZ-REEL7 ADT7483AARQZ |
Dual Channel Temperature Sensor and Over Temperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TC1068 |
SMBus Thermal Sensor The TC1068 is a serially programmable temperature sensor optimized for monitoring modern high performance CPUs with on-board integrated thermal diodes. Temperature data is converted from the CPU’s thermal diode outputs and made avail
|
Microchip Technology
|
TMP36GT9Z TMP37FS-REEL TMP35FS-REEL TMP37GRTZ-REEL |
Voltage Output Temperature Sensors; Package: TO-92; No of Pins: 3; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, THROUGH HOLE MOUNT Low Voltage Temperature Sensor Vo=500; Package: SOIC; No of Pins: 8; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MPXH6300A MPXH6300A6T1 MPXH6300AC6T1 MPXH6300AC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-44.09Psi, 1.5%, 0.30-4.91V, SQUARE, SURFACE MOUNT
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|
MPXA6115A MPXH6115A |
MPXA6115A High Temperature Accuracy Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Motorola
|
AD7417ARUZ |
Temperature Sensor: 4-Channel 10-Bit ADC with on-Chip Temperature to Digital Converter I
|
Analog Devices
|
KTY81 KTY81_110 KTY81_120 KTY81_121 KTY81_122 KTY8 |
TEMPERATURE SENSOR, PBCY2 KTY81 series Silicon temperature sensors
|
NXP Semiconductors
|
EMCT03-ACZB-TR EMCT03-ACZB EMCT03-ACZTR EMCT03-ACZ |
1C TRIPLE SMBUS TEMPERATURE SENSOR DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp. ETC[ETC] SMSC[SMSC Corporation]
|