PART |
Description |
Maker |
CY62148ESL-55ZAXAT CY62148ESL-55ZAXI CY62148ESL-55 |
4-Mbit (512 K 8) Static RAM
|
Cypress
|
CY62157EV18 |
8-Mbit (512 K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1049DV33-10VXI CY7C1049DV33-10VXIT CY7C1049DV3 |
4-Mbit (512 K 8) Static RAM
|
Cypress
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
CY62157ELL-45ZSXI CY62157ELL-55BVXE |
8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
XVB-C5B4 XVB-C4B4 XVB-L4B4 XVB-C38 XVB-L4B5 XVB-C2 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 4-Mbit (512K x 8) MoBL® Static RAM MoBL® 2-Mbit (128K x 16) Static RAM TetraHub High-Speed USB Hub Controller CY7C602xx Wireless; Memory Size: 8K; RAM: 256B; Vcc (V): 2.7-3.6V; Core: M8C; Code Memory Architecture: Flash; Development Kit: CY3655 镜头单元LED绿色24V 镜头单元闪烁的红 LENS UNIT LED ORANGE 24V 镜头组带领橙24V SMD IC USB DRIVER
|
STMicroelectronics N.V.
|
ST1335 ST1355-CW4 ST1335-BD10 ST1335-BD15 ST1335-B |
5-CONTACT MEMORY CARD IC 272 BIT EEPROM WITH ADVANCED SECURITY MECHANISMS 5V, 3.3V, ISR High-Performance CPLDs NX2LP DEVELOPMENT KIT KIT DEV MOBL-USB FX2LP18 MoBL® 4-Mbit (256K x 16) Static RAM MoBL® 1-Mbit (64K x 16) Static RAM MoBL® 1 Mbit (128K x 8) Static RAM MoBL® 2-Mbit (128K x 16) Static RAM (ST1335/13361355) 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms MoBL® 1-Mbit (64K x 16) Static RAM EEPROM 5V, 3.3V, ISR™ High-Performance CPLDs EEPROM MoBL® 4-Mbit (256K x 16) Static RAM EEPROM 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms 5,联系记忆卡IC 272位具有高级安全机制的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
AM41DL3248GT45IS M41000002S M41000002L |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同步写闪存和8兆位 M中的x 8-Bit/512亩x 16位),静态存储器 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM 32兆位个M × 8 2x 16位).0伏的CMOS只,同步写闪存和8兆位 M中的x 8-Bit/512x 16位),静态存储器
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|