PART |
Description |
Maker |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
AT83C24NDS-TISIL AT83C24NDS-TISIM AT83C24-TISIL AT |
Smart Card Reader Interface with Power Management
|
ATMEL[ATMEL Corporation]
|
AT83C26-RKTUL AT83C26 AT83C26-PLRUL AT83C26-PLTEL |
SMART CARD READER INTERFACE WITH POWER MANAGEMENT
|
ATMEL[ATMEL Corporation]
|
CLRD701 |
PEGODA Contactless Smart Card Reader
|
NXP Semiconductors
|
TDA8030HL TDA8031HL |
USB smart card reader (OTP or ROM)
|
NXP Semiconductors
|
AT85C5122 AT83EC5123 AT83C5122 AT83C5123 |
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES 单片机USB和智能卡阅读器接
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AU9520 |
USB Smart Card Reader Controller Technical Reference Manual
|
Alcor Micro Corp ETC[ETC] List of Unclassifed Manufacturers
|
953438 |
SMART CARD READER 0.76mm, PCB MOUNT THROUGH HOLE, RAISED PROFILE BLADE SWITCH NORMALLY CLOSED.
|
List of Unclassifed Manufacturers ETC
|
LTC1756EGN 1756I LTC1756 |
From old datasheet system Smart Card Interface SPECIALTY INTERFACE CIRCUIT, PDSO16
|
Linear Technology, Corp.
|
73S8010C |
Smart Card Interface
|
Teridian Semiconductor
|
DS8024-RRX DS8024-RJX/V |
Smart Card Interface
|
Maxim Integrated Produc...
|