PART |
Description |
Maker |
AMS2907CL-5.0 AMS2907-1.5 AMS2907-1.8 AMS2907-2.5 |
SWTCH ROLLER SPDT 15A SCRW TERM 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Roller Lever Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-051 Synchronous Presettable Binary Counters with Synchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Synchronous Reset 16-PDIP -55 to 125
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MC100EP016AFAR2 MC100EP016A MC100EP016AFA |
3.3 V ECL 8-Bit Synchronous Binary Up Counter 3.3伏ECL 8位二进制计数器同步最 3.3 V ECL 8-Bit Synchronous Binary Up Counter 100E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32
|
ONSEMI[ON Semiconductor]
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
QS74FCT163T QS74FCT161T QS74FCT163ATP QS74FCT161CT |
Synchronous Up Counter 同步设立摊位 (QS74FCT161T) High Speed CMOS Synchronous Presettable 4 Bit Binary Counters (QS74FCT163T) High Speed CMOS Synchronous Presettable 4 Bit Binary Counters
|
Quality
|
HEF40163 HEF40163B HEF40163BD HEF40163BF HEF40163B |
4-bit synchronous binary counter with synchronous reset Hex D-type flip-flop
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HD74LV163A |
Synchronous 4-bit Binary Counter (Synchronous Clear)
|
HITACHI[Hitachi Semiconductor]
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
TC74AC161F TC74AC161FN TC74AC161FT TC74AC161P TC74 |
SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER SYNCHRONOUS CLEAR SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER ASYNCHRONOUS CLEAR SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
|
TOSHIBA[Toshiba Semiconductor]
|
CY7C4215-35JC CY7C4225-10ASC CY7C4225-10AI CY7C422 |
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 4K X 18 OTHER FIFO, 11 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 2K X 18 OTHER FIFO, 15 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 512 X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 4K X 18 OTHER FIFO, 15 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 10 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 8 ns, PQCC68 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 1K X 18 OTHER FIFO, 8 ns, PQFP64 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female SERIAL DTE CABLE WITH DB9 FEMALE CONNECTOR Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-5 OSC 5V SMT 7X5 CMOS PROGRM SERVSWITCH AFFINITY SERIADTE CABLE DB9F-10FT
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|