PART |
Description |
Maker |
MSA20 74ABT245 74ABT245CMSA 74ABT245CMTC 74ABT245C |
Octal Bi-Directional Transceiver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74FCT245ATPG 74FCT245ATPY |
IC LOGIC 245 OCTAL BI-DIRECTIONAL TRANSCEIVER 5V -40 85C TSSOP-20 74/TUBE FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 IC LOGIC 245 OCTAL BI-DIRECTIONAL TRANSCEIVER 5V -40 85C SSOP-20 68/TUBE FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
Integrated Device Technology, Inc.
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
DBTC-12-4 DBTC-12-4L DBTC-12-44L |
Surface Mount Directional Couplers 50蟹 5 to 1000 MHz Surface Mount Directional Couplers 50з 5 to 1000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.6 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 50 5 to 1000 MHz Surface Mount Directional Couplers 50?/a> 5 to 1000 MHz
|
Mini-Circuits
|
723612L15PQF IDT723612L15PF8 |
64 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132 PLASTIC, QFP-132 64 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
2450CP14A100 2450CP14A100S/PB |
2450 MHz Directional Coupler 2400 MHz - 2500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.74 dB INSERTION LOSS-MAX
|
Johanson Technology Inc.
|
WBC-WR-42-10-1-1-R WBC-WR-42-40-1-4-R WBC-WR-137-4 |
18000 MHz - 26500 MHz RF/MICROWAVE DIRECTIONAL COUPLER 5850 MHz - 8200 MHz RF/MICROWAVE DIRECTIONAL COUPLER 26500 MHz - 40000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 12400 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
RLC ELECTRONICS INC
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|