PART |
Description |
Maker |
V54FCT846ADL V74FCT374PO V74FCT245PO |
8-Bit D-Type Latch Octal D-Type Flip-Flop 八路D类触发器 Single 8-bit Bus Transceiver 位总线收发
|
3M Company
|
IDT74ALVCH16260 |
3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
PI74ALVCH162260 |
12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
HD74ALVCH16260 |
12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HD74ALVCH162260 |
12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
HT48R01 HT48R01_HT48R02_HT48R03 HT48R02 HT48R03 |
10-Pin MSOP I/O Type 8-Bit OTP MCU The HT48R01/HT48R02/HT48R03 are 8-bit high performance,
|
Holtek Semiconductor Inc.
|
M5M51016BRT-12VL-I M5M51016BRT-12VLL-I M5M51016BTP |
Octal D-Type Transparent Latches With 3-State Outputs 20-TSSOP -40 to 85 From old datasheet system 1048576-BIT CMOSSTATIC RAM 1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M5M51016BRT-12VL M5M51016BRT-12VLL M5M51016BTP-12V |
Octal D-Type Transparent Latches With 3-State Outputs 20-TSSOP -40 to 85 From old datasheet system 1048576-BIT CMOS STATICRAM 1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
HYS72V32200GU HYS64V32200GU HYS72V64220GU HYS64V64 |
3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules 16M X 64 SYNCHRONOUS DRAM MODULE, 6 ns, DMA168 Network Cable Assembly; Connector Type A:T568A/B Modular Plug; Connector Type B:T568A/B Modular Plug; Cable Length:15ft; Approval Categories:Augmented Category 6 standards; cord color per TIA/EIA-606 standard RoHS Compliant: Yes
|
Siemens Semiconductor G... DRAM SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
QS74FCT2825BTP QS74FCT2825ATQ QS74FCT821T |
(QS74FCT821T/QS74FCT823T/QS74FCT825T) High Speed Cmos Bus Interface 9 Bit and 10 Bit Tranceivers Octal D-Type Flip-Flop
|
Quality Semiconductor
|
74ABT573 74ABT573CMSA 74ABT573CMTC 74ABT573CPC 74A |
8-Bit D-Type Latch 8位D型锁存器 825MHz to 915MHz, SiGe High-Linearity Active Mixer Octal D-Type Latch with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor, Corp.
|