PART |
Description |
Maker |
2727-21J 2727-19J 2727-01J 2727-24J 2727-04J 2727- |
Radial Toroidal Inductors
|
API Delevan
|
2117-V-RC 2112-RC 2111-RC 2120-V-RC 2122-RC 2108-H |
Toroidal Inductor; Series:2100; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.8A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Toroidal Inductor; Series:2100; Inductance:470uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.6A; DC Resistance Max:0.28ohm; Leaded Process Compatible:Yes 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.032ohm; Leaded Process Compatible:Yes; Resistance:32mohm 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:100uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.4A; DC Resistance Max:0.13ohm; Leaded Process Compatible:Yes High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Bourns Electronic Solut...
|
TC19 TC190606 TC19A0606 |
TC19 Power Gap Toroidal Inductors TC19 Power Gap Toroidal Inductors
|
Token Electronics Industry Co., Ltd.
|
CTP4558-07 CTP4558-09 CTP4558-01 CTP4558-02 CTP455 |
Toroidal Inductors Medium Current
|
FILTRAN[Filtran LTD]
|
KMP3200 32100C |
Vertical Mount Toroidal Inductors
|
Murata Manufacturing Co., Ltd.
|
KMP4100 |
Toroidal Surface Mount Inductors
|
Murata Manufacturing Co., Ltd.
|
CTP4548-08 CTP4548-11 CTP4548-12 CTP4548-17 CTP454 |
Toroidal Inductors High Current
|
Filtran Ltd. FILTRAN[Filtran LTD]
|
CTP4563 CTP4562-01 CTP4562-02 CTP4562-03 CTP4562-0 |
Toroidal Inductors Medium Current
|
FILTRAN[Filtran LTD]
|
CTP4406-16 CTP4406-05 CTP4406-08 CTP4406-07 CTP440 |
Toroidal Inductors Medium Current
|
Filtran Ltd.
|
41680 416R8 41100 41101 41150 41151 41220 41221 41 |
Toroidal Surface Mount Inductors
|
CANDD[C&D Technologies]
|
40221 |
Toroidal Surface Mount Inductors
|
C&D Technologies
|