PART |
Description |
Maker |
XC17256EPCG20C XC1765ELSOG8C XC4020XL/XLA XC4020E |
XC17256EPCG20C 256K X 1 CONFIGURATION MEMORY, PQCC20 XC1765ELSOG8C 64K X 1 CONFIGURATION MEMORY, PDSO8 XC1700E series are available in 5V and 3.3V versions XC1700E series are available in 5V and 3.3V versions
|
Xilinx, Inc.
|
AXH010A0FZ AXH010A0F5 AXH010A0G AXH010A0DZ AXH010A |
Compatible with RoHS EU Directive 200295/EC (-Z Versions)
|
Lineage Power Corporation Lineage Power Corporati...
|
TLE4296GV30 TLE4296GV33 TLE4296GV50 |
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
|
Infineon Technologies AG Infineon Technologies A...
|
TLE4296-2GV33 TLE4296-208 TLE4296-2 TLE4296-2GV50 |
Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
|
Infineon Technologies AG
|
TLE4295GV30 TLE4295GV33 TLE4295GV26 TLE4295GV50 TL |
Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
|
Infineon Technologies AG
|
7825355MC 7825355C 7825355VC 7825355MVC 7825335MC |
MAX253 Compatible Converter Transformers 3.3V and 5V versions
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
SF-BIT-PH-2-70 |
Tools for SF?ASD 21 cordless screwdriver in various versions
|
PHOENIX CONTACT
|
64318-1011 64318-1018 64318-1019 64318-3011 64318- |
CMC Hybrid Connectors Standard and Power Versions
|
Molex Electronics Ltd.
|
1393659-3 1393659-4 1393659-8 1393659-9 1393659-7 |
PIN ASSEMBLY EUROCARD TYPES Q AND R AND SHORT VERSIONS
|
Tyco Electronics
|
2-1393637-9 |
RECEPTACLE ASSEMBLY EUROCARD PRESS FIT, TYPES B,C AND SHORT VERSIONS
|
Tyco Electronics
|
1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC |
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 1345-Type Receiver with Clock Recovery and Data Retiming 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
|
AGERE[Agere Systems]
|
BLV909 |
Protected; Fully Encapsulated; Efficiency to 80%; Custom versions available UHF power transistor
|
Philips Semiconductors NXP Semiconductors
|