PART |
Description |
Maker |
SI-3150 SI-3000C SI-3090C SI-3240C SI-3120C SI3150 |
5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
FAN1951D18X FAN1950D25X FAN1951D25X |
1.5A Low-Voltage Low-Dropout Regulator CONTACT TERMINAL 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO4
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC33269ST MC33269ST-12 MC33269ST-3.3 MC33269ST-5.0 |
800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO4 800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSFM3
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
KIA78DL05F KIA78DL15F KIA78DL06F KIA78DL08F KIA78D |
0.25A 3-Terminal Low Drop Voltage BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
AS1329B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
SPX116 SPX116M1 SPX116M1-3.0 SPX116M1-3.3 SPX116M1 |
Low Dropout Voltage Three Terminal Regulator 100mA Low Dropout Voltage Three Terminal Regulator, 3%
|
SIPEX[Sipex Corporation] http://
|
UPC2400A UPC2405AHF UPC2406AHF UPC2407AHF |
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC
|