PART |
Description |
Maker |
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FGH40N60UF FGH40N60UFTU |
600V, 40A Field Stop IGBT; Package: TO-247; No of Pins: 3; Container: Rail 80 A, 600 V, N-CHANNEL IGBT, TO-247AB
|
Fairchild Semiconductor, Corp.
|
W16NK60Z B16NK60Z P16NK60Z STB16NK60Z-S STP16NK60Z |
14 A, 600 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH⑩ MOSFET N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH MOSFET N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESH?/a> MOSFET
|
STMICROELECTRONICS[STMicroelectronics] http://
|
STP22NM60 STB22NM60 STB22NM60-1 STF22NM60 STW22NM6 |
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?Power MOSFET N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmeshPower MOSFET N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh⑩Power MOSFET N沟道600V 0.19欧姆- ⑩第22A TO-220/FP/D2PAK/I2PAK/TO-247的MDmesh功率MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
STGW20NB60H 6205 |
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT N-CHANNEL 20A - 600V TO-247 PowerMESH TM IGBT From old datasheet system N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP40NF20 STF40NF20 STB40NF20 STW40NF20 |
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET?/a> Power MOSFET N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET N-channel 200V - 0.038ヘ -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STH13NB60FI STH13NB60 STW13NB60 |
N-CHANNEL Power MOS MOSFET N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET N - CHANNEL 600V - 0.48W - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
STP14NK60Z STP14NK60ZFP STB14NK60 STB14NK60Z STB14 |
N-CHANNEL 600V - 0.45 OHM - 13.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET
|
ST Microelectronics STMicroelectronics
|
STGW30NC60WD |
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH?/a> IGBT N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH⑩ IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|
STW30NM60D |
N-CHANNEL 600V - 0.125 OHM - 30A TO-247 FAST DIODE MDMESH MOSFET N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|