PART |
Description |
Maker |
MHW7185CR |
High Ouput Mirror Power Doubler 750 MHz CATV Amplifier
|
Motorola, Inc
|
FS10UM-14A |
Bench Power Supply; No. of Outputs:1; Output Voltage:60V; Output Current:2A; Output Power Max:210W; Calibrated:No; Display Technology:LED RoHS Compliant: NA 10 A, 700 V, 1.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. Powerex Power Semiconductors Mitsubishi Electric Corporation
|
LB11872H |
Brushless Motor Drivers (3-phase drive): Polygonal mirror motor driver for PPCs and printers Monolithic Digital IC Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
|
Sanyo Semicon Device
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
WS57C43C-1 WS57C43C-35 WS57C43C-35CMB WS57C43C-45 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM HIGH SPEED 4K x 8 CMOS PROM/RPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AN6701S AN6701 |
Switch Mode Power Supply; Output Power:1512W; No. of Outputs:1; Output 1 VDC :360VDC; Output Current 1:4.2A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes; Output Current:4.2A; Output Power Max:1512W RoHS Compliant: Yes 温度传感器IC Temperature Sensor IC
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
SA626D SA626DK |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Low voltage high performance mixer FM IF system with high-speed RSSI
|
PHILIPS[Philips Semiconductors]
|
ACA2404 ACA2404S7P0 ACA2404S7P2 |
MIL-DTL-38999 JT06 SERIES CLASS RE STRAIGHT PLUGS, STRAIGHT BODY STYLE, CRIMP TERMINATION, 12 SHELL SIZE, 12-22 INSERT ARRANGEMENT, PLUG GENDER, 22 24V Line Amplifiers High Output Power Doubler Line Amplifier The ACA2404 is a highly linear, high output power, monolithic GaAs amplifier that has been developed to replace the standard CATV ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
ZDS1009TA |
Complementary Current Mirror
|
Diodes
|
2SC5347AF-TD-E 2SC5347AE-TD-E |
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifi er Applications
|
Sanyo Semicon Device
|