PART |
Description |
Maker |
LA5636M |
Rechargeable Battery Charge Control ICs: Automotive battery DC-DC converter control IC DC/DC Converter Secondary Side Control IC
|
Sanyo Semicon Device
|
BD7685FJ-LBE2 BD7683FJ-LBE2 BD7684FJ-LB |
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
|
ROHM
|
IR2161 IR2161S IRPLHALO1E |
Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max Halogen Converter Control IC in a 8-lead SOIC package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... Halogen Converter Control IC in a 8-lead PDIP package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... 8-pin DIP HALOGEN CONVERTOR CONTROL IC
|
ir International Rectifier
|
UPC1935 UPC1935GR |
DC-DC CONVERTER CONTROL IC
|
NEC[NEC]
|
NJM2383 |
DC/DC CONVERTER CONTROL IC
|
njr
|
RT34063 RT34063A RT34063ACN RT34063ACS RT34063AMN |
DC-to-DC Converter Control Circuits
|
List of Unclassifed Manufacturers ETC[ETC]
|
MC34063AB MC34063AC MC34063EC |
DC-DC CONVERTER CONTROL CIRCUITS
|
ST Microelectronics
|
MC34063D |
DC/DC Converter Control Circuits
|
Silicon Link
|
HPW7095A |
6-Channel DC/DC Converter Control IC
|
List of Unclassifed Manufacturers
|
APW7095QBE-TY APW7095QDE-TY APW7095QBE-TYL APW7095 |
6-Channel DC/DC Converter Control IC
|
Anpec Electronics Corporation
|
MC34063A |
DC-DC CONVERTER CONTROL CIRCUITS
|
STMicroelectronics
|