PART |
Description |
Maker |
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3548AEDDPBF LTC3548AIDDPBF LTC3548AIDDTRPBF LTC |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
LM1117-5.0-252 LM1117-3.3-220 LM1117-3.3-223 LM111 |
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
|
First Components International
|
LP78084-30QVF LP78084-33QVF LP78084-28QVF LP78084 |
Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC 300mA LDO
|
Lowpower Semiconductor inc
|
AD746SQ/883B AD746SH AD746KN AD746AH |
Dual and Quad 25MHz, 600V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 12MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 250µA, 3MHz, 200V/µsOperational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 电压反馈运算放大
|
Analog Devices, Inc.
|
ISL78322 |
Dual 2A/1.7A, 2.25MHz High-Efficiency, Synchronous Buck Regulator
|
Renesas Electronics Corporation
|
LT1357 LT1357CN8 LT1357CS8 1357FA |
25MHz/ 600V/us Op Amp Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 25MHz, 600V/us Op Amp From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MP2109_06 EV2109DQ-00A MP2109 MP2109DQ |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|