PART |
Description |
Maker |
ACDBMT1200-HF ACDBMT1150-HF ACDBMT1100-HF ACDBMT14 |
Low Profile SMD Schottky Barrier Rectifiers Halogen Free Schottky Barrier Diodes, V-RRM=200V, V-R=200V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=150V, V-R=150V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=100V, V-R=100V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=60V, V-R=60V, I-O=1A
|
Comchip Technology
|
BYW51-100 BYW51-150 BYW51-200 FN1374.PDF FN1412 |
25C 16 190/38 BC PVC,PVC 8A/ 100V - 200V Ultrafast Dual Diodes 8A, 100V - 200V Ultrafast Dual Diodes From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CDBM2100-G CDBM2150-G CDBM2200-G CDBM240-G |
Schottky Barrier Rectifiers Diodes, V-RRM=100V, V-R=100V, I-O=2A Schottky Barrier Rectifiers Diodes, V-RRM=150V, V-R=150V, I-O=2A Schottky Barrier Rectifiers Diodes, V-RRM=200V, V-R=200V, I-O=2A Schottky Barrier Rectifiers Diodes, V-RRM=40V, V-R=40V, I-O=2A
|
Comchip Technology
|
CBRHDSH1-200 CBRLD1SERIES |
SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER 1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package 1.0A, 200V thru 1000V Bridge Rectifi ers
|
Central Semiconductor Corp
|
CDBW1100R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=100V, V-R=100V, I-O=1A
|
Comchip Technology
|
S20S90 S20S100 S20S70 S20S80 |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 肖特基(20A70 - 100V的) SCHOTTKY BARRIER RECTIFIERS(20A/70-100V) SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
MK1110 |
(MK1110 / MK1210) Operate on the main AC line 100V and 200V
|
Sanken electric
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
43CTQ100S 43CTQ080-1 43CTQ080S 43CTQ100-1 43CTQ100 |
SCHOTTKY RECTIFIER 100V 40A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKY RECTIFIER 肖特基整流器 100V 40A Schottky Common Cathode Diode in a TO-220AB package 100V 40A Schottky Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier] International Rectifier, Corp.
|
SB5200 |
Schottky Pack: DO-201AD SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 5.0A
|
GULF SEMI Gulf Semiconductor
|
SB3100 SB370 SB380 SB390 |
Schottky Pack: DO-201AD SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
|
Gulf Semiconductor
|