PART |
Description |
Maker |
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
NTA0312M NTA0315M NTA1215M NTA0505M NTA0509M NTA12 |
Isolated 1W Dual Output SM DC-DC Converters Isolated 1W Dual Output SM DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
RP03-0505SE RP03-0512SE RP03-053.3SE RP03-0515SE R |
3 WATT DIP4 & SMD, SINGLE & DUAL ISOLATED OUTPUT 3 Watt DIP4 & SMD, Single & Dual Isolated Output 3瓦特DIP4
|
Recom International Pow... RECOM[Recom International Power] RECOM Electronic GmbH RECOM Power Inc.
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|