PART |
Description |
Maker |
74479776233 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
SDR0805-2R5M SDR0805-100M SDR0805-120M BOURNSINC-S |
MAGNETICS - NON-SHIELDED POWER INDUCTOR 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors 10uH 7.8mm SMD Inductor; Inductor Type:Power; Inductance:12uH; Inductance Tolerance: 20 %; Current Rating:3A; Series:SDR0805; Core Material:Ferrite DR; Leaded Process Compatible:No; Mounting Type:Surface Mount; Operating Temp. Min:-40 C RoHS Compliant: No
|
Bourns, Inc. BOURNS INC
|
SDR2207 SDR2207-R80ML SDR2207-100M SDR2207-100ML S |
Inductor; Series:SDR2207; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:38; Self Resonant Frequency:27MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:12A; Leaded Process Compatible:No 1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDSM, PWR 10UH 30% 6060 贴片功率电感 SMD Power Inductors 贴片功率电感 Inductors 0.8uH 20% SMD 1 ELEMENT, 0.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Shielded Power Inductor
|
BOURNS INC Bourns, Inc. http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
SDR0602-181KL SDR0602-390KL SDR0602-820KL SDR0602- |
MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 120 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:SDR0602; Inductance:100uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:7MHz; Package/Case:470; Terminal Type:PCB Surface Mount; Core Material:Ferrite DQ; Current Rating:0.32A
|
Bourns, Inc. BOURNS INC
|
PM42S-101 PM42S-4R7 |
Power Inductor; Series:PM42S; Inductance:100uH; Inductance Tolerance: /- 30 %; Terminal Type:PCB Surface Mount; Current Rating:0.20A; Leaded Process Compatible:No; Mounting Type:Surface Mount; Packaging:Tape And Reel 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
PM0805-3N3M-RC PM0805-10NM-RC PM0805-18NM-RC PM080 |
High Q Chip Inductors Chip Inductor 1 ELEMENT, 0.0056 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Inductor; Series:PM0805; Inductance:3.3nH; Inductance Tolerance: /- 20 %; Q Factor:50; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:6.8nH; Inductance Tolerance: /- 20 %; Q Factor:50; Self Resonant Frequency:5.5GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA
|
Bourns Electronic Solutions Bourns, Inc. BOURNS INC
|
PM3604-50 PM3602-33 PM3604-10 |
Inductor; Series:PM3600; Inductance:50uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 1.28, Series 0.64A; DC Resistance Max, Parallel:0.12ohm 2 ELEMENT, 50 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:33uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.98, Series 0.49A; DC Resistance Max, Parallel:0.14ohm 2 ELEMENT, 33 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:10uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 2.70, Series 1.35A; DC Resistance Max, Parallel:0.028ohm 2 ELEMENT, 10 uH, COMMON MODE CHOKE, SMD
|
Bourns, Inc. BOURNS INC
|
|