PART |
Description |
Maker |
74479787210A |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479787147A |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479774210 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479887222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
SDR0805-2R5M SDR0805-100M SDR0805-120M BOURNSINC-S |
MAGNETICS - NON-SHIELDED POWER INDUCTOR 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors 10uH 7.8mm SMD Inductor; Inductor Type:Power; Inductance:12uH; Inductance Tolerance: 20 %; Current Rating:3A; Series:SDR0805; Core Material:Ferrite DR; Leaded Process Compatible:No; Mounting Type:Surface Mount; Operating Temp. Min:-40 C RoHS Compliant: No
|
Bourns, Inc. BOURNS INC
|
U2009-150Y U2009-220Y U2009-3R3Y U2009-4R4Y |
CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:1370mR; Frequency, resonant:40MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:2600mR; Frequency, resonant:30MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 3.3UH; Inductor type:Shielded Power Choke; Inductance:3.3uH; Tolerance, inductance: /-30%; Resistance:320mR; Frequency, resonant:100MHz; Case style:SMD Shielded; Q factor:7; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.4UH; Inductor type:Shielded Power Choke; Inductance:4.4uH; Tolerance, inductance: /-30%; Resistance:430mR; Frequency, resonant:85MHz; Case style:SMD Shielded; Q factor:7; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
AH283 AH283Z-YLA AH283A-P AH283A-PA AH283A-PLA AH2 |
HALL-EFFECT SMART FAN MOTOR CONTROLLER Inductor; Inductor Type:Power; Inductance:820uH; Inductance Tolerance: /- 20 %; Series:DR; DC Resistance Max:1.47ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:0.65A; Leaded Process Compatible:Yes RoHS Compliant: Yes INDUCTOR,68UH,20%,12.5X10MM,SMD
|
ANACHIP[Anachip Corp]
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
PM105-390M-RC |
Power Inductor; Series:PM105; Inductance:39uH; Inductance Tolerance: /- 20 %; Self Resonant Frequency:12MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1.37A; DC Resistance Max:0.14ohm
|
BOURNS INC
|
DFE18SANR56ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
|