PART |
Description |
Maker |
BB-2191 0190170043 |
InsulKrimp Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 5.21mm(.205) x 0.51mm (.020)
|
Molex Electronics Ltd.
|
HD74CDCV851 |
Datasheet|ADE-205-653F|DEC.26.02|88K 技术资料| 205 - 653F | DEC.26.02 | 8.8
|
Hitachi,Ltd.
|
35725-1900 35725-1810 |
.250 SLIP-ON TAB #10 357251900 BRASS, TAB TERMINAL .250 SLIP ON TAB-16 357251810 BRASS, TIN FINISH, TAB TERMINAL
|
Molex, Inc.
|
EC21A0920401 EC21A1520401 |
21mm Size Encoder Type
|
ALPS ELECTRIC CO.,LTD.
|
MICROFOX-E-ESD |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
0190700151 C-240-14XT |
InsulKrimp Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4, Length34.21mm (1.347), Mylar Tape Carrier
|
Molex Electronics Ltd.
|
CRIMPFOX-LC-UC-6 |
Crimp insert, for non-insulated slip-on connection sleeves, 4.8 - 9.5 mm (corresponds to 0.5 - 6.0 mm2)
|
PHOENIX CONTACT
|
CRIMPFOX-LC-UC-1 |
Crimp insert, for non-insulated slip-on connection sleeves, 2.8 - 4.8 mm (corresponds to 0.1 - 1.5 mm2)
|
PHOENIX CONTACT
|
LF205-P |
Current Transducer LF 205-P 低频电流传感205
|
LEM
|
LF205-P_SP1 LF205P LF205-P/SP1 |
Current Transducer LF 205-P/SP1
|
LEM[LEM]
|
C1731 |
205 UH Inductor Approved for use by GlobeSpan
|
List of Unclassifed Manufacturers CoEv Inc ETC[ETC] Electronic Theatre Controls, Inc.
|
PLW0501H11 |
205 WATT TVS COMPONENT
|
Protek Devices
|