PART |
Description |
Maker |
SSM3K02F |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type 东芝场效应晶体管频道马鞍山类 Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications
|
Toshiba Corporation Toshiba, Corp. Toshiba Semiconductor
|
2SK3403NBSP 2SK3403 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba Semiconductor
|
HN1K05FU |
Field Effect Transistor Silicon N Channel MOS Type For Portable Devices High Speed Switching Applications Interface Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3387 |
Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV) Switching Regulator, DC-DC Converter and Motor Drive Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV) 东芝场效应晶体管频道马鞍山型(二π- MOSV From old datasheet system
|
PMC-Sierra, Inc. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
PTF10154 |
85 Watts/ 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.93-1.99 GHz GOLDMOS Field Effect Transistor 85瓦,1.93-1.99 GHz的GOLDMOS场效应晶体管 85 Watts 1.93-1.99 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson]
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SK3236 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS) From old datasheet system Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
|
Toshiba Semiconductor Hitachi Semiconductor
|
PTF10133 |
85 Watts, 860-960 MHz GOLDMOS Field Effect Transistor 85瓦,860-960兆赫GOLDMOS场效应晶体管 85 Watts, 86060 MHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
2SK3407 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV) Switching Regulator Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
|
Toshiba Semiconductor
|
PTF10031 |
50 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor 50 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 50瓦,1.0 GHzGOLDMOS场效应晶体管
|
Ericsson Microelectronics
|
PTF10137 |
12 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 12瓦,1.0 GHz的GOLDMOS场效应晶体管 12 Watts 1.0 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|