PART |
Description |
Maker |
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
KSB1149 KSB1149OS KSB1149OSTU KSB1149YS KSB1149YST |
PNP Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Collector Saturation Voltage Built-in Damper Diode at E-C
|
FAIRCHILD[Fairchild Semiconductor]
|
BC327-25RL1 BC327-25ZL1 BC327-40ZL1 BC327-040 BC32 |
Transistor Silicon PlasticPNP Transistor Silicon Plastic PNP Amplifier Transistors PNP Silicon
|
ON Semiconductor
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
ZXT13P12DE6 ZXT13P12DE6TA ZXT13P12DE6TC |
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT-23, 6 PIN PNP Low Sat Transistor
|
Zetex Semiconductor PLC Diodes, Inc. Diodes Incorporated ZETEX[Zetex Semiconductors]
|
FC155 |
PNP Epitaxial Planar Silicon Transistor (With bias resistances) PNP Epitaxail Planar Silicon Transistor Constant-Current Circuit Applications
|
SANYO
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|