PART |
Description |
Maker |
2000-6R8-H-RC 2000-3R3-V-RC 2000-1R2-V-RC 2000-5R6 |
Toroidal Inductor; Series:2000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:7.2A; Leaded Process Compatible:Yes; Resistance:13mohm 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:9.7A; Leaded Process Compatible:Yes; Resistance:6.9mohm 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR Low radiation High operation frequency Toroidal Inductor; Series:2000; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:2.2A; Leaded Process Compatible:Yes; Resistance:1.7mohm 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
6725-RC 6729-RC 6731 6730-RC 6731-RC 6701-RC 6707- |
Toroidal Inductor; Series:6700; Inductance:8mH; Inductance Tolerance: /- 15 %; Current Rating:1A; DC Resistance Max:3.34ohm; Leaded Process Compatible:Yes 2 ELEMENT, 8000 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:6700; Inductance:100uH; Inductance Tolerance: /- 15 %; Current Rating:2.5A; DC Resistance Max:0.08ohm; Leaded Process Compatible:Yes 2 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors (with header)
|
Bourns, Inc. Bourns Electronic Solutions
|
XF0010-HO |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
TBC1711-111M-52 TBC1711-390M-52 TBC1711-6R8M-26 TB |
TOROIDAL INDUCTOR
|
Superworld Electronics
|
P11TJ3-270-1.1 P11TJ3-6R8-2.4 P11TJ3-180-1.4 P11TJ |
TOROIDAL INDUCTOR
|
http:// MPS Industries, Inc.
|
2XF0075-VP |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
2117-V-RC 2112-RC 2111-RC 2120-V-RC 2122-RC 2108-H |
Toroidal Inductor; Series:2100; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.8A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Toroidal Inductor; Series:2100; Inductance:470uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.6A; DC Resistance Max:0.28ohm; Leaded Process Compatible:Yes 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.032ohm; Leaded Process Compatible:Yes; Resistance:32mohm 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:100uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.4A; DC Resistance Max:0.13ohm; Leaded Process Compatible:Yes High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Bourns Electronic Solut...
|
2316-H 2305-H |
INDUCTOR TORD HI AMP 220UH HORZ 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:16.4A; DC Resistance Max:0.007ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
3M Company BOURNS INC
|
FIT80-6 |
Switchmode/High Frequency Toroidal Inductor
|
TRIAD MAGNETICS
|
FIT44-2 |
Switch mode/High Frequency Toroidal Inductor
|
TRIAD MAGNETICS
|