PART |
Description |
Maker |
BTA24 BTA24-600 BTA24-600B BTA24-600BW BTA24-600CW |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 65C; Standard 2 x 1 Package STANDARD TRIACS 25A TRIACS 25A条双向可控硅
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
T1212MH T1213DH T1210MH T1213NH T12XXXH T1210NH -T |
700V standard triac 800V standard triac STANDARD TRIACS BOX ALUM UNPAINTED 10X6X3.5,1 BOX UTILITY ALUM GREY 7X5X3,1 400V standard triac
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
T25XXXH |
STANDARD TRIACS
|
ST Microelectronics
|
Z00607 |
Standard 0.8 A Triacs
|
STMicroelectronics
|
T0510XH 3472 T0512XH T0510MH |
STANDARD TRIACS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
BTA16-600G BTA16-600G-TR BTA16 T1635-800G-TR BTB16 |
16 A Snubberless? logic level and standard Triacs 16 A Snubberless?? logic level and standard Triacs
|
STMicroelectronics
|
16T06H-BW 16T06H-CW 16T10AI-BW 16T10AI-C 16T10AI-C |
TRIACs, 16A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
LXX04R5 LXX04D8 LXX04L6 L4004D8XX LK004D3XX LK004R |
4 Amp Sensitive & Standard Triacs 4 Amp Sensitive & Standard Triacs
|
Littelfuse
|
BT136 BT136-500 BT136-500F BT136-500G BT136-600 BT |
Triacs(双向可控 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|