PART |
Description |
Maker |
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
ISL6364CCRZ |
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
|
Intersil Corporation
|
ISL6440 ISL6440IAZ-T ISL6440IAZ-TK ISL6440IA ISL64 |
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller 0.4 A DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp. Intersil Corporation http://
|
SC2449ISWTRT |
BI-Phase/Dual Controller BI-Phase/Dual控制
|
Semtech, Corp.
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
ZL8802ALAFTK |
Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
|
Renesas Electronics Corporation
|
SC2447TSTRT SC2447EVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
SC244907 SC2449ISWTR SC2449EVB |
BI-Phase/Dual Controller
|
Semtech Corporation
|
LTC3802 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller
|
Linear Technology
|