PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
FMS6502MTC24 FMS6502MTC24X FMS6502 |
8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
|
FAIRCHILD[Fairchild Semiconductor]
|
HPR1XX HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 H |
DC/DC converter, input 15V, output 12V DC/DC converter, input 24V, output /-12V MINIATURE SIP, DIP AND SMD PACKAGES DC/DC converter, input 24V, output /-15V DC/DC converter, input 12V, output /-5V
|
CANDD[C&D Technologies]
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TCMT4600 TCMT4600T1 TCMT4606 TCMT1600T3 TCMT160008 |
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Optocoupler - Transistor Output, 4 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER, ROHS COMPLIANT, MINIFLAT, SOP-16
|
Vishay Siliconix Vishay Semiconductors
|
P6LU-XXXXZH52 P6LU-0505ZH52 P6LU-053R3ZH52 P6LU-12 |
Input voltage:12V, output voltage /-15V ( /-34mA), 5.2KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 5.2千伏隔震1W的未稳压双输出SIP7 Input voltage:12V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH]
|
H11AA1 H11AA3 H11AA4 H11AA2 H11AA4SV |
1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER 6-Pin DIP Optoisolators AC Input/Transistor Output
|
MOTOROLA INC Motorola Inc MOTOROLA[Motorola, Inc]
|
MAX542 MAX542ACPD MAX542ACSD MAX542AEPD MAX542AESD |
5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP8 5V / Serial-Input / Voltage-Output / 16-Bit DACs CALIBRATION UNIT FOR WS STATIONS From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IDL620 ILD620 ILD620GB ILQ620 ILQ620GB |
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel) 光耦,光电晶体管输出,AC输入(双通道,四通道 Optocoupler / Phototransistor Output / AC Input
|
Vishay Intertechnology, Inc. Vishay Siliconix
|