PART |
Description |
Maker |
LT1802IS LT1801IMS8 LT1801CDD LT1801IDD LT1801IS8 |
Dual/Quad 80MHz, 25V/楼矛s Low Power Rail-to-Rail Input and Output Precision Op Amps Dual/Quad 80MHz, 25V/μs Low Power Rail-to-Rail Input and Output Precision Op Amps Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
P412025 PS4125 P411825 P412225 P412425 |
POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts) POW - r的,单台BLOk反应腔二极管隔离模块(二五?安高达2400伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
LBN08025 |
80MHz SAW Filter 80MHz SAW Filter 24.1MHz Bandwidth
|
SIPAT Co,Ltd
|
SM802112UMG SM802112UMGTR |
ClockWorks 3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
|
Micrel Semiconductor
|
MAX3218 MAX3218CAP MAX3218CPP MAX3218EAP MAX3218EP |
1レA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown LINE TRANSCEIVER, PDSO20 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown(1.8~4.25V,自动关闭方式20kbps,RS-232收发 1µA.8V.25V、RS-232收发器,带有AutoShutdown™ 1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown 1A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown 1レA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown⑩ 1µA, 1.8V to 4.25V RS-232 Transceiver with AutoShutdown 1A Supply Current / 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EZAST21AAAJ EZANT65AAAJ EZASTB33AAJ EZASTB31AAJ EZ |
RC NETWORK, RC LOW PASS FILTER, 0.063W, 47ohm, 25V, 0.000022uF, SURFACE MOUNT, CHIP-10 CHIP RC NETWORK, RC LOW PASS FILTER, 0.063W, 1000ohm, 50V, 0.00047uF, SURFACE MOUNT, CHIP-10 RC NETWORK, RC LOW PASS FILTER, 0.063W, 100ohm, 25V, 0.0001uF, SURFACE MOUNT, CHIP-12 RC NETWORK, RC LOW PASS FILTER, 0.063W, 100ohm, 25V, 0.000022uF, SURFACE MOUNT, CHIP-12 Chip RC Networks RC NETWORK, RC LOW PASS FILTER, 0.063W, 100ohm, 25V, 0.000047uF, SURFACE MOUNT, CHIP-12
|
PANASONIC CORP Panasonic Semiconductor
|
MAX148 MAX148ACAP MAX148ACPP MAX148AEAP MAX148AEPP |
2.7V to 5.25V / Low-Power / 8-Channel / Serial 10-Bit ADCs 2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AZ432ANTR-G1 AZ432AZ-G1 AZ432AKTR-G1 AZ432ARTR-G1 |
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manuf...
|
2SD612K 2SD612 2SB632 2SB632K |
PNP Epitaxial Planar Silicon Transistor for 25V/35V, 2A Low-Frequency Power Amplifier Applications(用于25V/35VA低频功率放大器应用的PNP硅外延平面型晶体 PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistor 25V/35V, 2A Low-Frequency Power Amplifier Applications NPN Epitaxial Planar Silicon Transistor 25V/35V, 2A Low-Frequency Power Amplifier Applications
|
Sanyo Electric Co.,Ltd.
|
CM431655 CM431255 |
Dual SCR POW-R-BLOK?Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 55 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 55 Amperes/1200-1600 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
LBN08016 |
80MHz SAW Filter 24MHz Bandwidth
|
SIPAT Co,Ltd
|
|