PART |
Description |
Maker |
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
AMS2931 AMS2931AM-X AMS2931AN-X AMS2931AS-X AMS293 |
100mA LOW DROPOUT VOLTAGE REGULATOR 100mA的低压差稳压 5.0V 100mA low dropout voltage regulator
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
SPX2931AM1-3.5 SPX2931AM1-3.5/TR SPX2931AM1-L-3.3 |
100mA Low Dropout Voltage Regulator, 2% 100mA Low Dropout Voltage Regulator, 3%
|
Sipex Corporation
|
LND2951 LND2950 LND2951-2.85 LND2951-3.0 LND2951-3 |
100mA Low Dropout Voltage Regulators
|
Linear Dimensions Semiconductor LINEAR[Linear Integrated Systems]
|
LP2951 LP295007 LP2951ACS-3-3 LP2951ACS-3-3_TR LP2 |
100mA Low Dropout Voltage Regulators
|
SIPEX[Sipex Corporation]
|
LDOC516 |
IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|
IL3480-XX |
100mA, Quasi Low-Dropout Voltage Regulator
|
Estek Electronics Co. Ltd
|
XC6206 |
100mA Low Dropout CMOS Voltage Regulators
|
JinYu
|
NCV2931 |
100mA, 5V, Low Dropout Voltage Regulator with 60V Load Dump Protection
|
ON SEMICONDUCTOR
|
LP2950ACS-3 LP2950CS-3 LP2950CP-3 LP2950CP-33 LP29 |
100mA LOW DROPOUT VOLTAGE REGULATOR 100mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems Advanced Monolithic Sys...
|
|