PART |
Description |
Maker |
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6497 2N6498 ON0098 |
POWER TRANSISTORS NPN SILICON 5 AMPERE POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BDP947 BDP949 |
Silicon NPN Transistor General Purpose Transistors - NPN Silicon AF Power Transistor for AF driver and output stages
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|