PART |
Description |
Maker |
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
Z2.302.0421.0 |
Terminal Block Ground Block; No. of Positions:1; Wire Size (AWG):2/0-6; Mounting Type:DIN Rail; Color:Yellow/Green MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
25.320.0453.1 25.320.1653.1 25.340.1053.0 25.340.1 |
Terminal Block; No. of Positions:4; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:4; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:16; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:16; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:10; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:18; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block, Connector, Current Rating 15 Ampere, Maximum AWG Number 22, Minimum AWG Number 12 RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:12; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; No. of Contacts:12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:9; Pitch Spacing:0.2"; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:3; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; No. of Contacts:2; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
38770-0407 38770-0207 38770-0607 38770-0420 38770- |
CB BTS ET 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ET 20 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 28 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 9 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:3; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 Terminal Block; No. of Positions:4; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Current Rating:20A; No. of Rows:2; Terminal Block Clamp Type:Barrier Terminal Block; Voltage Rating:150V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
CZRB2350 CZRB2120 CZRB2220 CZRB2320 CZRB2340 CZRB2 |
Surface Mount Zener Diodes Terminal Block Wire Size (AWG):22-12; Terminal Block Type:Screw Clamp; Mounting Type:DIN Rail RoHS Compliant: Yes Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
COMCHIP[Comchip Technology] Comchip Technology Co., Ltd.
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39100-1002 39100-1003 39100-1004 39100-1005 39100- |
391001306 12MM LOW PROFILE W/WIRE PROTEC 3 ASY 12MM LOW PROFILE W/WIRE PROTEC 7 ASY 12MM LOW PROFILE W/WIRE PROTEC 9 ASY Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip 10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
DL5224 DL5279 DL5267 DL5243 DL5226 DL5242 DL5223 |
Terminal Block; Number of Positions:2; Wire Size (AWG):14-2; Number of Contacts:2; Terminal Block Clamp Type:Power Block Splicer RES 499K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS surface mount silicon Zener diodes 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE RES 49.9K-OHM 0.1% 0.25W 25PPM THIN-FILM SMD-1206 TR-7-PA ROHS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Terminal Block; Number of Positions:2; Number of Contacts:2; Terminal Block Clamp Type:Power Stud Block
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
29.401.1253.0 |
Terminal Block; No. of Positions:12; Pitch Spacing:0.213"; Wire Size (AWG):22-12; Mounting Type:Panel; Leaded Process Compatible:Yes; No. of Contacts:12; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
1709610000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Current Rating:15A; Leaded Process Compatible:Yes; Number of Rows:1; Voltage Rating:300V 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SCREW, PLUG
|
Weidmuller, Corp.
|
1642890000 |
Terminal Block; Pitch Spacing:0.13"; Mounting Type:PCB Thru Hole; Approval Bodies:UL, CSA, VDE; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:16; Number of Rows:2 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
|