PART |
Description |
Maker |
0334520000 |
Special terminal, special connections, 4 mm2, Screw connection, KrG, Medium yellow, TS 32
|
Weidmuller
|
RDX |
Metal Oxide Resistors, Special Purpose, Special Purpose, High Voltage, Ratio Divider, Available with leads and/or mounting lugs in any required combination
|
Vishay
|
0242.050 0259.250 0259.750 0242.100 0242.080 0242. |
Blade Terminal & Special Purpose Fuses
|
Littelfuse
|
CPMC1300 C944 C944P C943 C921P C983 C972 C962 C198 |
Channel photomultiplexer, 3/4 inche, special type for photon counting, dark counts 25 cps. Channel photomultiplexer, 1/2 inche, special type for photon counts, dark counts 40 cps. Channel photomultiplexer, 1/2 inche, special type for photon counts, dark counts 160 cps. Channel photomultiplexer, 3/4 inche, special type for photon counting, dark counts 5000 cps. Channel photomultiplexer, 3/4 inche, special type for photon counting, dark counts 10 cps. From old datasheet system Channel Photomultipliers Overview and Specifications SMD LED Lamps LED RED SURFACE MOUNT 0805 LED, RED, VERT, 2.5 X 2MM, 40 DEG., 660NM,GULL WING, SMD LED,GREEN,INTENSITY=30,0805 CHANNEL PHOTO MULTIPLIER 通道光电倍增 Channel photomultiplexer, 3/4 inche, window material MgF2, dark current 20 pA. Channel photomultiplexer, 3/4 inche, window material MgF2, dark current 100 pA. Channel photomultiplexer, 1/2 inche, window material MgF2, dark current 40 pA. Channel photomultiplexer, 1/2 inche, special type for photon counts, dark counts 4 cps. Channel photomultiplexer, 1/2 inche, special type for photon counts, dark counts 0.4 cps. Channel photomultiplexer, 3/4 inche, special type for photon counting, dark counts 100 cps. Channel photomultiplexer, 3/4 inche, special type for photon counting, dark counts 400 cps.
|
http:// PERKINELMER[PerkinElmer Optoelectronics] PerkinElmer Inc. PerkinElmer, Inc. PerkinElmer Optoelectro...
|
299080 299 299020 299025 299030 299035 299040 2990 |
Blade Terminal & Special Purpose Fuses - Low Voltage
|
LITTELFUSE[Littelfuse]
|
LVSP LVSP80 |
Blade Terminal & Special Purpose Fuses - Surge Fuses Blade Terminal & Special Purpose Fuses - Surge Fuses
|
Littelfuse, Inc.
|
SK233P0 SD3A5P0 SD2A5P0 SK3A5P0 SD231N7 SD204P0 SF |
Spiderbox庐 and Distribox庐: examples of special configurations for SD and SP series Spiderbox? and Distribox?: examples of special configurations for SD and SP series
|
SHIELD s.r.l.
|
PBAR11C2000AOG PBAR11C2000NOG PBAR11F2000KOG PBAR5 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, LATCHED, 0.2A, 24VDC, PANEL MOUNT-THREADED SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, PANEL MOUNT-THREADED SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, THROUGH HOLE-STRAIGHT SPECIAL SWITCH-PIEZO SWITCH, SPST, LATCHED, 0.2A, 24VDC, THROUGH HOLE-STRAIGHT
|
SIEMENS AG
|
WPR2-TO5330OHMS WPR2-TO5 |
Special Resistors
|
Willow Technologies Ltd
|
|