PART |
Description |
Maker |
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 |
IC,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTIC IC,EPLD, ALTERA,3256A,144TQFP IC MAX 7000 CPLD 192 160-PQFP IC MAX 7000 CPLD 256 100-TQFP IC MAX 7000 CPLD 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
ATF1508RE-7AU100 ATF1508RE-5AX100 |
128 MC CPLD, 3.3V ISP CPLD, 100-pin TQFP(EPLD) EE PLD, PQFP100 Highperformance CPLD
|
Atmel, Corp. ATMEL Corporation
|
EPM706B4 EPM706B4S EPM7192E EPM7160S EPM7192S EPM7 |
IC MAX 7000 CPLD 128 84-PLCC PROGRAMMABLE LOGIC DEVICE FAMILY
|
ALTERA[Altera Corporation]
|
YTM401F |
MAX II CPLD 570 LE 144-TQFP
|
|
YG835C04R |
MAX 7000 CPLD 256 MC 208-RQFP 肖特基二极管 SCHOTTKY BARRIER DIODE
|
Fuji Electric Holdings Co., Ltd. ETC List of Unclassifed Manufacturers
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
YM3016-F YM3016-D |
MAX II CPLD 570 LE 100-TQFP Cyclone II FPGA 20K FBGA-484 16位数字到模拟转换
|
OSRAM GmbH
|
EPM7256SRI208-10 EPM7064STC100-10 EPM7064SLI44-7 E |
最000可编程逻辑器件1.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最000可编程逻辑器件.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最7000可编程逻辑器件.13公尺
|
Altera, Corp.
|
LM224N LM324N LM324 LM324ADR2 LM324ADTB LM324ADTBR |
Programmable Low-Power Operational Amplifier 8-SOIC 0 to 70 QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP14 Single Supply Quad Operational Amplifiers QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14 QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
|
ONSEMI[ON Semiconductor] http://
|
NE532N |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 1.1 MHz BAND WIDTH, PDIP8
|
STMICROELECTRONICS
|
EHA7-2622-2 |
OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP8
|
ELANTEC
|