PART |
Description |
Maker |
XR19L210IL40 XR19L21007 |
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
|
http:// Exar Corporation
|
XR19L220IL40 XR19L22007 |
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
|
http:// Exar Corporation
|
SC16IS740IPW SC16IS750 SC16IS750IBS SC16IS750IPW S |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT403-1 (TSSOP16); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO16 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Reel Pack, SMD, 13", Turned 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT616-3 (HVQFN24); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
|
NXP Semiconductors N.V.
|
USB2SER |
USB to UART Application Specific IC Single chip USB to UART Data Transfer
|
Freescale Semiconductor, Inc
|
OX16PCI954 OX16PCI954-TQC60-A |
Integrated Quad UART and PCI interface
|
OXFORD[Oxford Semiconductor] ETC
|
OXCB950 |
Integrated High Performance UART Cardbus / PCI interface
|
Oxford Semiconductor
|
XR16M890IL40 XR16M890IM48TR XR16M890IL32 XR16M890I |
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
|
http:// Exar Corporation
|
OXCB950 |
Integrated High Performance UART Cardbus / PCI interface
|
List of Unclassifed Manufacturers
|
XR20M1280 XR20M1280IL40-F XR20M1280IL40TR-F |
I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
|
Exar Corporation
|
STM8S105S4U3 STM8S105S4U3CTR STM8S105S4U3TR STM8S1 |
Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I虏C Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I2C
|
STMicroelectronics http://
|
ITMS-S0019 |
Single Channel Integrated Tap Monitors
|
OPLINK Communications Inc.
|