PART |
Description |
Maker |
SI9731 |
渭P Controlled Li-ion Battery Charger
Pulse Charges 1 to 3 Cells
Integrated MOSFETs UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries μP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries(用于1节锂电池-3节镍镍镉电池的μP控制的电池充电器)
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
MIC7905005 MIC79050-4.2YS |
1 A BATTERY CHARGE CONTROLLER, PSSO3 Simple Lithium-Ion Battery Charger
|
MICREL INC Micrel Semiconductor
|
MP26121 MP26121DQ |
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
|
Monolithic Power Systems
|
ADP3806 ADP3806JRU ADP3806JRU-125 ADP3806JRU-126 A |
0.3-25V; high frequency switch mode Li-Ion battery charger. For portable computers, fast chargers Analog IC High-Frequency Switch Mode Li-Ion Battery Charger 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO24
|
AD[Analog Devices] ANALOG DEVICES INC
|
MIC79050-4.2BM MIC79050-4.2BS |
Simple Lithium-Ion Battery Charger Preliminary Information 1 A BATTERY CHARGE CONTROLLER, PDSO8 GT 48C 48#16 SKT RECP WALL RM 1 A BATTERY CHARGE CONTROLLER, PSSO3
|
Micrel Semiconductor, Inc. MICREL INC
|
LTC3550 LTC3550EDHC LTC3550EDHCPBF LTC3550EDHCTR L |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
LTC3550-1 LTC3550EDHC-1TRPBF LTC3550-1-15 |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
ADP3820 ADP3820AR-41 ADP3820AR-42 ADP3820ART-41 AD |
20V; lithium-ion battery changer. For Li-Ion battery chargers, desktop computers, hand-held instruments Circular Connector; No. of Contacts:17; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-29 RoHS Compliant: No Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Lithium-Ion Battery Charger ±1% Precision, Single Cell Li-Ion Battery Charger
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1513-2IT7PBF LT1513-2IRTRPBF LT1513-2CT7 LT1513- |
SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 5.4 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PZFM7 SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 5.4 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PSSO7 SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. Linear Dimensions Semiconductor
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
TC7710WBG |
Battery charger IC
|
TOSHIBA
|
LTC1960 LTC1960CUHFTR LTC1960CGTR |
Dual Battery Charger/Selector with SPI Interface Dual Battery Charger/ Selector with SPI Interface; Package: QFN; No of Pins: 38; Temperature Range: 0°C to 70°C Dual Battery Charger/ Selector with SPI Interface; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|