PART |
Description |
Maker |
ST413RAD39NLZ ST413RAD33NLZ ST413RAD18NLZ ST413RAD |
Chip Inductors for Critical Applications
|
Coilcraft lnc.
|
ST312RAA9N5LZ ST312RAA7N5LZ ST312RAA72NLZ ST312RAA |
Chip Inductors for Critical Applications Chip Inductors for Critical Applications
|
Coilcraft lnc.
|
ST312RAG23NLZ ST312RAG4N3LZ ST312RAG4N7LZ ST312RAG |
Chip Inductors for Critical Applications Chip Inductors for Critical Applications
|
Coilcraft lnc.
|
ST512PJD103MLZ ST512PJD105MLZ ST512PJD155MLZ ST512 |
Coupled Inductors for Critical Applications
|
Coilcraft lnc.
|
CE201210-6N8J CE201210-5N6J CE201210-4N7J CE201210 |
IC,MOT,MC68HC908GR8CP, DIP-28, MCU FLASH 8BIT 8MHZ 4K IC,MCU,MC68HC908JB8ADW,8-BIT SOIC-28,21 I/O,3MHZ IC,MCU,MC68HC711E9CFN2,8-BIT 2MHz,PLCC52 8-BIT, OTPROM, 2.1 MHz, MICROCONTROLLER, PDIP20 IC,MCU,MC68HC908KX8CDW,8-BIT SOIC-16,13 I/O,8MHZ Multi-Layer Chip Inductors 1 ELEMENT, 0.12 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.33 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD IC,MCU,MC68HC705C9ACFN,8-BIT PLCC-44,31 I/O,2MHZ 多层片式电感 Multi-Layer Chip Inductors 1 ELEMENT, 0.39 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
ELJPAR22DF ELJPAR22JF ELJPAR22KF ELJPAR22MF ELJPC6 |
High Power Type PF, PE, PC, PA, PB Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
LL1608-FSL15NJ LL1608-FSL33NJ LL1608-FSL39NJ LL160 |
DIODE ZENER SINGLE 200mW 18Vz 7mA-Izt 0.05 0.1uA-Ir 14 SOT-323 3K/REEL Multilayer Chip Inductors 1 ELEMENT, 0.0068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.0015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multilayer Chip Inductors 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
TOKO Inc. TOKO, Inc.
|
LQM21PNR47MC0D LQM21PN2R2MC0D LQM21PN1R5MC0D LQM21 |
Chip Inductors (Chip Coils) for DC-DC Converter Monolithic Type LQM21P Series
|
Murata Manufacturing Co., Ltd.
|
LQH44P LQH44PN100MP0P LQH44PN1R0NP0P LQH44PN220MP0 |
Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type LQH44P Series
|
Murata Manufacturing Co... Murata Manufacturing Co., Ltd.
|
PCS3D11-220T-RC PCS3D11-270T-RC PCS3D11-330T-RC PC |
1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1616, ROHS COMPLIANT Power Chip Shielded Inductors
|
Allied Components International
|
LQM21F LQP03TN27NJ00D |
Chip Inductors (Chip Coils)(SMD)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L...
|
|