PART |
Description |
Maker |
MAX8521EBX |
Smallest TEC Power Drivers for Optical Modules Low Profile Design
|
Maxim Integrated Products
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
AUK11Y48 AUK06A48 AUK09F48 AUK10G48 AUK11M48 AUK11 |
DC-DC / Ultra Low Profile Isolated 30w Ultra Low Profile - 4.4mm 30 Watts Embedded Power
|
ASTEC[Astec America, Inc] Emerson Network Power http://
|
DR331-1-103 DR331-1-102 42-331-1-223 42-331-1-684 |
DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 10µH. Rated Current 3.9 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.0µH. Rated Current 6.8 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 22µH. Rated Current 2.7 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 15µH. Rated Current 3.1 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 33µH. Rated Current 2.1 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 100µH. Rated Current 1.3 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm. 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-1 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 68µH. Rated Current 1.5 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 5.21mm.
|
DATATRONIC DISTRIBUTION INC
|
IHLP-2525CZ-07 |
5 % DCR Tolerance, Low Profile, IHLP? Power Inductor 5 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 5 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
IHLP-2525CZ-06 |
10 % DCR Tolerance, Low Profile, IHLP? Power Inductor 10 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 10 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
MXC6202M |
Low Power, Low Profile ?? g Dual Axis Accelerometer with I2C Interface
|
Electronic Theatre Controls, Inc.
|
TC164-JR-070RL |
RES ARRAY 0.0 OHM 8TRM 4 RES SMD RESISTOR, NETWORK, FILM, JUMPER, 0.0625 W, SURFACE MOUNT
|
Yageo, Corp.
|
AN644 |
QuickChip Design Example 2 Low Power Silicon BJT LNA for 1.9GHz QuickChip设计示例2低功耗硅晶体管的1.9GHz的低噪声放大
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
IHLP4040DZER2R0M11 IHLP-4040DZ-11 |
Low Profile, High Current IHLP? Inductor Low Profile, High Current IHLP庐 Inductor Low Profile, High Current IHLP垄莽 Inductor Low Profile, High Current IHLP㈢ Inductor
|
Vishay Siliconix
|
LP01-682-RM LP01 LP01-102-RM LP01-103-RM LP01-152- |
Low Profile Power Inductors
|
ICE[ice Components, Ins.]
|