PART |
Description |
Maker |
S6B0718X |
104SEG / 81COM Driver & Controller for STN LCD
|
Samsung Electronic
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|
HIP4081A04 HIP4081AIPZ HIP4081A HIP4081AIB HIP4081 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Independent Control Inputs; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC74LCX244MELG |
Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
ON Semiconductor
|
LT3518IUFPBF |
Full-Featured LED Driver with 2.3A Switch Current; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C LED DISPLAY DRIVER, PQCC16
|
Linear Technology, Corp.
|
LTC1255IS8TRPBF |
Dual 24V High-Side MOSFET Driver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8
|
Linear Technology, Corp.
|
LTC3207EUFTRPBF |
600mA Universal Multi-Output LED/CAM Driver; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C LED DISPLAY DRIVER, PQCC24
|
Linear Technology, Corp.
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
IXDD409CI IXDD409PI IXDD409SI IXDD409YI IXDN409CI |
9Amp low-side ultrafast MOSFET driver Power Intergrated ICs 9 Amp Low-Side Ultrafast MOSFET Driver 9 A BUF OR INV BASED MOSFET DRIVER, PDSO8 9 Amp Low-Side Ultrafast MOSFET Driver 9 A BUF OR INV BASED MOSFET DRIVER, PDIP8 9 Amp Low-Side Ultrafast MOSFET Driver 9 A BUF OR INV BASED MOSFET DRIVER, PSSO5
|
http:// IXYS[IXYS Corporation] IXYS, Corp.
|