PART |
Description |
Maker |
PHAO2.2/550/1 PHAO1.2/650/1S PHAO1.35/660/1S PHAO1 |
CAPACITOR, FILM/FOIL, 2200 V, 362 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1200 V, 1437 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1350 V, 1153 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1350 V, 873 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1200 V, 1061 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 3000 V, 244 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
27230B272JO0 27230B302JO0 27230B332JO0 27230B362JO |
High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.75 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
F-3116X-13 |
Chassis Mount: Single Secondary
|
TRIAD MAGNETICS
|
F-3132P-13 |
Chassis Mount: Single Secondary
|
TRIAD MAGNETICS
|
F-313X-13 |
Chassis Mount: Single Secondary
|
TRIAD MAGNETICS
|
F-112X-13 |
Chassis Mount: Single Secondary
|
TRIAD MAGNETICS
|
F-43X-13 |
Chassis Mount: Single Secondary
|
TRIAD MAGNETICS
|
F-40X-13 |
Chassis Mount: Single Secondary
|
TRIAD MAGNETICS
|
DHSF44G192ZR2B DHSF44G192ZRXB DHSF44F362ZT2B DHSF4 |
CAPACITOR, CERAMIC, MULTILAYER, 40000 V, Z5V, 0.0019 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, MULTILAYER, 30000 V, Z5V, 0.0036 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, MULTILAYER, 40000 V, Z5V, 0.0027 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, MULTILAYER, 20000 V, Z5V, 0.0048 uF, CHASSIS MOUNT
|
Murata Manufacturing Co., Ltd.
|
|