PART |
Description |
Maker |
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MC14001UB MC14001UBCP MC14001UBD MC14001UBDR2 MC14 |
UB-Suffix Series CMOS Gates
|
ONSEMI[ON Semiconductor]
|
MC14001UB06 MC14011UBDR2G MC14001UB MC14001UBCP MC |
UB−Suffix Series CMOS Gates
|
ONSEMI[ON Semiconductor]
|
MH1RT |
Rad Hard 1.6M Used Gates 0.35 m CMOS Sea of Gates / Embedded Gates
|
Atmel
|
XC3S400AN-4FGG400C XC3S400AN-4FG400C XC3S400AN-4FG |
Extended Spartan-3A FPGAs, Package: 4FGG400C FPGA, 896 CLBS, 400000 GATES, 280 MHz, PBGA400 FPGA, 896 CLBS, 400000 GATES, 280 MHz, PBGA400 21 X 21 MM, FBGA-400 FPGA, 896 CLBS, 400000 GATES, 280 MHz, PBGA400 21 X 21 MM, ROHS COMPLIANT, FBGA-400 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PBGA256 FTBGA-256 FPGA, 896 CLBS, 400000 GATES, 667 MHz, PBGA256 ROHS COMPLIANT, FTBGA-256
|
Xilinx, Inc.
|
XCV400E XCV300E-6PQ240C XCV300E-6PQ240I XCV300E-6B |
Densities from 58 k to 4 M system gates Virtex?E 1.8 V Field Programmable Gate Arrays Virtex垄芒-E 1.8 V Field Programmable Gate Arrays VIRTEX⒙-E 1.8 V FIELD PROGRAMMABLE GATE ARRAYS Virtex⑩-E 1.8 V Field Programmable Gate Arrays Virtex-E1.8VFieldProgrammableGateArrays
Extended Memory Field Programmable Gate Arrays GT 60C 60#16 SKT PLUG SOCKET-DIP, 16P, MACH CONT, .3LS, .17HI, GOLD DIODE SCHOTTKY 45V 110A D-61-SL SOCKET, IC 8 PIN DIP - Obsolete GT 5C 5#16S PIN PLUG GT 5C 5#16S SKT PLUG Virtex-E 1.8 V Field Programmable Gate Arrays 的Virtex.8伏现场可编程门阵 VirtexE 1.8 V Field Programmable Gate Arrays 的Virtex⑩娥1.8伏现场可编程门阵 CANMS3470L12-10PL/C FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA352 AB 10C 10#16 SKT ANG PLG ROHS RoHS Compliant: Yes 的Virtex⑩娥1.8伏现场可编程门阵 CANMS3470L10-6SL/C FPGA, 1536 CLBS, 82944 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA352 TVS Diode; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Polarization:Unipolar; Power Rating:1500W 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA900 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PBGA900 Field Programmable Gate Arrays 现场可编程门阵列 TAPE, CORONA, CHEMRES, 25MMX9.15M; Length, Reel (Metric):9.15m; Width, external:25mm RoHS Compliant: NA 现场可编程门阵列 TAPE, SEMICOND, RUBBER, 19MMX4.5M; Length, Reel (Metric):45m; Length, tape:45m; Material:Ethylene Propylene Rubber; Width, tape:19mm RoHS Compliant: NA 现场可编程门阵列 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA560 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PBGA900 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PQFP240 VirtexE 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA560 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 357 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 400 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA560 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA256 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 400 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 416 MHz, PBGA352 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 416 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 6144 CLBS, 331776 GATES, 400 MHz, PBGA1156 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 357 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 357 MHz, PBGA144 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 7776 CLBS, 419904 GATES, 357 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 400 MHz, PBGA432 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 600 CLBS, 32400 GATES, 400 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 357 MHz, PQFP240 Virte -E 1.8 V Field Programmable Gate Arrays Virte1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 400 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 1176 CLBS, 63504 GATES, 357 MHz, PBGA456 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA680 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 12696 CLBS, 685584 GATES, 357 MHz, PBGA1156 GT 4C 4#8 SKT PLUG FPGA, 3456 CLBS, 186624 GATES, 357 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 384 CLBS, 20736 GATES, 400 MHz, PQFP240 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PBGA676 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 416 MHz, PBGA432 SOCKET IC 24-PIN 现场可编程门阵列 71-604913-03S 的Virtex⑩娥1.8伏现场可编程门阵 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA352 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 357 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 416 MHz, PBGA860 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 9600 CLBS, 518400 GATES, 400 MHz, PBGA860 GT 24C 24#16 PIN PLUG 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 3456 CLBS, 186624 GATES, 400 MHz, PBGA900 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA352 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 357 MHz, PBGA256 Field Programmable Gate Arrays FPGA, 1536 CLBS, 82944 GATES, 416 MHz, PBGA456 GT 7C 7#12 PIN PLUG 的Virtex⑩娥1.8伏现场可编程门阵 Virtex-E 1.8 V Field Programmable Gate Arrays FPGA, 2400 CLBS, 129600 GATES, 400 MHz, PBGA560 Virtex??E 1.8 V Field Programmable Gate Arrays Virtex-E 1.8V field programmable gate array. Fast, High-Density 1.8 V FPGA Family Field Programmable Gate Arrays
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
A14100AA-3RQ208I A1460AA-3RQ208I A14100A-RQ208C A1 |
FPGA, 200 CLBS, 1500 GATES, 125 MHz, PQFP100 FPGA, 200 CLBS, 1500 GATES, 200 MHz, PQCC84 FPGA, 848 CLBS, 6000 GATES, PQFP160 Accelerator Series FPGAs - ACT 3Family
|
Actel Corporation
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
|