PART |
Description |
Maker |
IDT70V7278S |
HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
|
Integrated Device Technology
|
AT28HC256-12DM_883 AT28HC256-12FM_883 AT28HC256-12 |
From old datasheet system 256 (32K x 8) High Speed CMOS 256 32K X 8 HIGH SPEED PARALLEL EEPROMS 256 32K x 8 High Speed CMOS E2PROM
|
ATMEL[ATMEL Corporation]
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT70V7288S_L 70V7288_DS_34523 IDT70V7288L15PF IDT |
64K x 16 Asynchronous Bank-Switchable Dual-Port SRAM From old datasheet system HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
|
IDT[Integrated Device Technology]
|
WS57C71C-3 WS57C71C-5 WS57C71C-55JI WS57C71C-55J W |
HIGH SPEED 32K x 8 CMOS PROM/RPROM 高2K的8的CMOS胎膜早破/ RPROM MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM WS57C71C HIGH SPEED 32K X 8 CMOS PROM/RPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] N.A. ST Microelectronics
|
IDT70V7339S IDT70V7339S200BFI IDT70V7339S133DD IDT |
HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V的为512k × 18 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接 HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 512K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 512K X 18 DUAL-PORT SRAM, 10 ns, PQFP144
|
Integrated Device Technology, Inc.
|
HYS72V128321GR-7-D HYS72V128321GR-7.5-D HYS72V1283 |
1GB PC133 (2-2-2) 2-bank available 2Q02 512MB PC133 (3-3-3) 1-bank POT 100 OHM 3/8 SQ CERM SL ST 2GB PC133 (3-3-3) 2-bank available 4Q02 256MB PC133 (3-3-3) 1-bank End-of-Life 512MB PC100 (2-2-2) 1-bank End-of-Life 1GB PC133 (3-3-3) 2-bank End-of-Life 2GB PC133 (2-2-2) 2-bank available 4Q02 PC133 Registered SDRAM-Modules PC133的SDRAM的注册模 1GB PC133 (3-3-3) 1-bank available tbd GB的PC133的(3-3-3银行提供待定 16M X 72 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA168
|
Infineon Technologies AG Infineon Technologies A...
|
IDT70V37L20PFI IDT70V37L IDT70V37L15PF IDT70V37L15 |
32K x 18 3.3V Dual-Port RAM HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
|
IDT[Integrated Device Technology]
|
IDT70V7339S IDT70V7339S133BC IDT70V7339S133BCI IDT |
HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
|
IDT[Integrated Device Technology]
|
IDT70V7519S IDT70V7519S133BC IDT70V7519S133BCI IDT |
HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
|
IDT[Integrated Device Technology]
|
IDT70V9279S_L IDT70V9279S IDT70V9279L12PRFI IDT70V |
HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through
|
IDT Integrated Device Technology
|