PART |
Description |
Maker |
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APM9988COC-TUL APM9988COC-TRL |
Dual N-Channel Enhancement Mode MOSFET 双N沟道增强型MOS Dual N-Channel Enhancement Mode MOSFET 6 A, 20 V, 0.02 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-153AA
|
Anpec Electronics, Corp.
|
BL-BJ63V4V |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L SOIC
|
Bright LED Electronics Corp.
|
LS4D18-270-RN LS4D18-3R3-RN LS4D18-560-RN LS4D18-2 |
Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L PDIP 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual N-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual P-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel Programmable Matched Pair MOSFET Array, Enhancement Mode, 8L PDIP, EPAD Enabled 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L MSOP Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L SOIC
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
NTMSD3P303R2 |
FETKY™ P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package P−Channel Enhancement−Mode Power MOSFET and Schottky Diode Dual SO−8 Package P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package(双P通道,增强模式,SO-8封装的功率MOSFET与肖特基二极
|
ON Semiconductor
|
CMLDM7002A |
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 280 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
DMG1024UV DMG1024UV-7 DMG1024UV-15 |
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 1390 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Diodes Incorporated Diodes, Inc.
|
NTTD1P02R2 NTTD1P02 |
Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package(-1.45 A, -20 V,双P通道,增强模式,Micro8封装的功率MOSFET) 1450 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
NTE2958 NTE2957 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
HYS72T512022EP-3S-B |
240-Pin Dual Die Registered DDR2 SDRAM Modules 512M X 72 DDRAM MOD, 0.5 ns, DMA240
|
Qimonda AG
|
|