PART |
Description |
Maker |
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
2SC2229Y BF594 2SC1815GR 2SC1815O BF596 |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 30MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 50mA的一c)|2 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 25MA I(C) | TO-92 晶体管|晶体管|叩| 30V的五(巴西)总裁| 25mA电流一(c)|2
|
Lumex, Inc. Atmel, Corp.
|
ECG105 ECG85 ECG91 ECG90 ECG92 ECG101 |
Pressure (Pa): 770 ( 3.09inchH2O / 75.1 ( 0.30inchH2O ); Noise (dB[A]): 71 / 40; Mass (g): 760; TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 400MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 50MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | SIP 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 15A条(c)的|园区 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 300MA I(C) | TO-5 晶体管|晶体管|叩| 20V的五(巴西)总裁| 300mA的一(c)|
|
NXP Semiconductors N.V.
|
HN9C20FT |
TRANSISTOR | BJT | PAIR | NPN | 12V V(BR)CEO | 60MA I(C) | TSOP
|
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
BFT70 BFX80 BFX36 BFX11 BFX79 BFX81 |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | TO-18 TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 60V V(BR)CEO | 200MA I(C) | TO-77 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-77 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | TO-78 晶体管|晶体管|一对|互补| 60V的五(巴西)总裁| 600毫安一(c)|7 TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 20V V(BR)CEO | 200MA I(C) | TO-77 晶体管|晶体管|一对|互补| 20V的五(巴西)总裁| 200mA的一(c)|7
|
TT electronics Semelab, Ltd.
|
ECG340 ECG330 ECG330W ECG331 |
TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 500MA I(C) | TO-92VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 15A I(C) | TO-220
|
|
2SC828 BFY39 MPS6565 MPS9602 2N4286 BC260 BC280 BC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 100mA的一(c)|92 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|8 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 200MA I(C) | TO-92 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 500MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-98 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 100MA I(C) | TO-92 Cyclone FPGA 3K TQFP-144 Cyclone II FPGA 5K FBGA-256 Cyclone FPGA 3K TQFP-100 Cyclone FPGA 12K PQFP-240 Cyclone FPGA 4K FBGA-400 Stratix II FPGA 180K FBGA-1020 Stratix FPGA 25K FBGA-1020 Stratix II FPGA 15K FBGA-672 Stratix II GX FPGA 60K FPGA-780 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 ZENER DIODES Audio Frequency Small Signal Transistors
|
Semiconductor Technology Bourns, Inc. KEC Holdings Semiconductors
|
JAN2N5794 |
TRANSISTOR | BJT | PAIR | NPN | 40V V(BR)CEO | 600MA I(C) | TO-78 晶体管|晶体管|一对|叩| 40V的五(巴西)总裁| 600毫安一(c)|78
|
Microsemi, Corp.
|
2N999 ST640 ST646 FT359 |
TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 500MA I(C) | CAN TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|达林顿|进步党| 80V的五(巴西)总裁| 10A条一(c)|3 TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3
|
STMicroelectronics N.V.
|