PART |
Description |
Maker |
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
STS2DNF30L0705 STS2DNF30L |
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET Power MOSFET Dual N-channel 30V - 0.09ヘ - 3A SO-8 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
HUF76113DK8 FN4387 |
6A/ 30V/ 0.032 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 6A, 30V, 0.032 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(6A, 30V, 0.032 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管)
|
Intersil Corporation
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
RF1K49086 |
3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET⑩ Power MOSFET 3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
RF1K49086 |
3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFET Enhancement Mode Power MOSFET 3.5A/ 30V/ Avalanche Rated/ Dual N-Channel LittleFET Enhancement Mode Power MOSFET 3.5A, 30V, AVALANCHE RATED, DUAL N-CHANNEL LITTLEFET⒙ ENHANCEMENT MODE POWER MOSFET 3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFETEnhancement Mode Power MOSFET
|
Fairchild Semiconductor Corporation
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDS6990AS FDS6990AS_NL FDS6990ASNL |
Dual 30V N-Channel PowerTrench SyncFET 7500 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDMA3028N |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 30 V, 3.8 A, 68 mΩ
|
Fairchild Semiconductor
|
|