PART |
Description |
Maker |
CN453 CN452 |
NPN SILICON PLANAR EPITAXIAL TRANSISTORS 0.900W General Purpose NPN Plastic Leaded Transistor. 80V Vceo, 1.000A Ic, 40 - 150 hFE 0.900W General Purpose NPN Plastic Leaded Transistor. 100V Vceo, 1.000A Ic, 40 - 200 hFE
|
Continental Device Indi... CDIL[Continental Device India Limited]
|
2SB922L 2SD1238L 2SD1238LR 2SB922LS |
Dual/Triple-Voltage µP Supervisory Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 12A I(C) 80V/12A Switching Applications
|
SANYO[Sanyo Semicon Device]
|
SDT13204 SDT1617 SDT1618 SDT1621 SDT1622 SDT1623 S |
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 125V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | TO-39 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 550V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 40V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一c)|11 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 400V五(巴西)总裁| 10A条一(c)|10AC
|
Serpac Electronic Enclosures Atmel, Corp. AUK, Corp.
|
2N5337X |
Bipolar NPN Device in a Hermetically sealed TO39 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-39
|
Seme LAB
|
BUY40 |
Bipolar NPN Device in a Hermetically sealed TO3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10
|
Seme LAB
|
FMMT62006 FMMT620TC 620 FMMT620 FMMT620TA |
SuperSOT?/a> 80V NPN SILICON LOW SATURATION TRANSISTOR SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR SuperSOT⑩ 80V NPN SILICON LOW SATURATION TRANSISTOR
|
http:// ZETEX[Zetex Semiconductors]
|
MJE170 MJE182 MJE171 MJE172 MJE180 MJE181 |
POWER TRANSISTORS(3.0A,40-80V,12.5W) 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB POWER TRANSISTORS(3.0A /40-80V /12.5W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SCR574DA07 |
NPN 2.0A 80V Middle Power Transistor
|
Rohm
|
ZXTN620MA ZXTN620MATA |
80V NPN LOW SATURATION TRANSISTOR
|
Diodes Incorporated
|
BUV19 |
Trans GP BJT NPN 80V 50A 3-Pin(2 Tab) TO-3
|
New Jersey Semiconductor
|
JANTX2N2814 |
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | STR-1/4
|
|
2SB920 2SB920L 2SD1236L |
80V/5A Switching Applications 80V/5A开关应
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|