PART |
Description |
Maker |
MPC7450RXLDPND MPC7450RXLDPNS |
MPC7450 Specification for the XPC7450RXnnnLD Series part number specification pns Part Number Specification for the XPC7450RXnnnLD Series Part Number Specification for the XPC7451RXnnnLD Series
|
Motorola
|
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
DS3316P-682 |
OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
DO3340P-333 DO3340P-105 |
OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE See web site for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
Q2-F-6-01-MS-48FT-25 Q2-F-1-02-MS-48FT-25 Q2-F-1-0 |
PART NUMBER GUIDE
|
Qualtek Electronics Corporation Qualtek Electronics Cor...
|
MPC603RRX200TC MPC603RRX200LC MPE603RRX200LC MPC60 |
PowerPC PID7t-603e Microprocessor(PowerPC PID7t-603e微处理器) PowerPC的PID7t - 603e微处理器(PowerPC的PID7t - 603e微处理器 PowerPC 603ea RISC Microprocessor Family:MPC603r (Goldeneye) Part Number SpeciTcation MPC603r (GoldenEye) Part Number Specifications - MPC603R****C
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
0805HT-12NTJBB |
OBSOLETE Change second to last letter to 'L' for new part number. Part was always RoHS compliant; terminals never contained lead. 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
|