PART |
Description |
Maker |
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MC74HC1G02DFT1 MC74HC1G02DFT1G MC74HC1G02DFT2 MC74 |
Single 2 Input NOR Gate Single 2-Input NOR Gate HC/UH SERIES, 2-INPUT NOR GATE, PDSO5
|
ONSEMI[ON Semiconductor]
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
74LVC1G081010 74LVC1G08W5-7 74LVC1G08FZ4 |
SINGLE 2 INPUT POSITIVE AND GATE LVC/LCX/Z SERIES, 2-INPUT AND GATE, PDSO5 ROHS COMPLIANT, SOT-25, 5 PIN
|
Diodes Incorporated Diodes, Inc.
|
74LVC1G08 74LVC1G08GF132 |
Single 2-input AND gate; Package: SOT891 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, 2-INPUT AND GATE, PDSO6
|
NXP Semiconductors N.V.
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
74AUC1G32 74AUC1G32GW |
AUC SERIES, 2-INPUT OR GATE, PDSO5 1.8V Single 2-Input OR Gate
|
Philips NXP Semiconductors
|
NLU1G00CMX1TCG NLU1G00 NLU1G00AMX1TCG NLU1G00BMX1T |
Singel 2 Input NAND Gate 1G SERIES, 2-INPUT NAND GATE, DSO6 Single 2-Input NAND Gate
|
ON Semiconductor
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74VHC1GT08DTT1 MC74VHC1GT08DFT1 MC74VHC1GT08DFT2 |
Single 2 Input AND Gate, TTL Level 2-Input AND Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
HCS08MS FN3047 HCS08 HCS08D HCS08DMSR HCS08HMSR HC |
HC/UH SERIES, QUAD 2-INPUT AND GATE, CDFP14 From old datasheet system Radiation Hardened Quad 2-Input AND Gate AND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
HEC4002BT HEC4002BT112 |
Dual 4-input NOR gate; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDSO14 HEF4002B gates; Dual 4-input NOR gate
|
NXP Semiconductors N.V. Philips
|