PART |
Description |
Maker |
STK404-070N-E |
1ch class-AB Audio Power IC
|
ON Semiconductor
|
STK433-290-E STK433-300-E STK433-320-E STK433-330- |
Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
|
Sanyo Semicon Device
|
LA42101 |
Monolithic Linear IC Audio Output for TV application 10W × 1ch Power Amplifier Monolithic Linear IC Audio Output for TV application 10W 】 1ch Power Amplifier
|
Sanyo Semicon Device
|
TA1101B |
Stereo 10W (4? Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-T⑩ Digital Audio Amplifier using Digital Power Processing⑩ Technology Stereo 10W (4) Class-T Digital Audio Amplifier using Digital Power Processing Technology Stereo 10W (4з) Class-TDigital Audio Amplifier using Digital Power ProcessingTechnology
|
TRIPATH[Tripath Technology Inc.] ETC Electronic Theatre Controls, Inc.
|
TDA8920 TDA8920J TDA8920TH |
2x50 W class-D power amplifier(2x50W D绫诲???????澶у?) 2 x 50 W class-D power amplifier 80 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO24 2 x 50 W class-D power amplifier
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
NT7603BDB-01 NT7603BDW-01 NT7603BDT-01 ELECTRONICT |
Class D Audio Amplifier, SOT549-1 (HTSSOP32), Reel Dry Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 110 W class-D power amplifer, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT411-1 (DBS23P), Tube 单芯6Cx2L点阵LCD控制驱动
|
Electronic Theatre Controls, Inc.
|
NCP2820FCT1 |
2.65 W Filterless Class−D Audio Power Amplifier 2.63 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ON Semiconductor
|
PAM8008 PAM8008DR |
3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION 3W STEREO FILTERLESS CLASS-D AUDIO AMPLIFIER WITH DC VOLUME CONTROL AND POWER LIMIT
|
Diodes Incorporated
|
BD3815KS |
6.1ch Audio Sound Processor
|
ROHM[Rohm]
|
STK433-040N-E |
2channel class-AB Audio Power IC
|
Sanyo Semicon Device
|
STK433-040N-E |
2ch class-AB Audio Power IC
|
ON Semiconductor
|