PART |
Description |
Maker |
S9972-1007 S9972-1008 S9973-1007 S9973-1008 S99720 |
CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
|
Hamamatsu Corporation
|
S9973-1007 S9973-1008 S9972-1007 S9972-1008 S9972 |
CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
|
Hamamatsu Corporation
|
S9979 |
CCD area image sensor TDI operation / large active area CCD
|
Hamamatsu Corporation
|
S9736 |
CCD area image sensor 512 512 pixels, front-illuminated FFT-CCDs
|
Hamamatsu Photonics
|
MN39571PT |
9.2mm (type-1/2) 2,310k pixel CCD Area Image Sensor 9.2mm (type-1/2) 2310k pixel CCD Area Image Sensor
|
PANASONIC[Panasonic Semiconductor]
|
C702007 C7025 C7020 C7021 |
Designed for front-illuminated CCD area image sensors
|
Hamamatsu Corporation
|
S7017-1007 S7017-1008 |
CCD area image sensor
|
Hamamatsu Corporation
|
S10141-1109S S10141-1107S S10140-1108 S10140-1107 |
CCD area image sensor Low readout noise, high resolution (pixel size: 12 レm) 防治荒漠化领域的图像传感器读出低噪音,高清晰度(像素尺寸2レ米 CCD area image sensor Low readout noise, high resolution (pixel size: 12 ??)
|
Hamamatsu Photonics K.K.
|
MW39962AE |
Diagonal 11 mm (type-2/3) FIT CCD Area Image Sensor
|
PANASONIC[Panasonic Semiconductor]
|
MN39260FH MN39260F |
4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor
|
PANASONIC[Panasonic Semiconductor]
|