PART |
Description |
Maker |
R2000F-TP |
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
|
Micro Commercial Compon...
|
RS3000 |
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
1N5985B ON0014 1N6003B 1N5993B 1N5992B 1N5987B 1N5 |
3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.6V齐纳电压,齐纳稳压二极管) 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,6.8V齐纳电压,齐纳稳压二极管) 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,12V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,15V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,18V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,10V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,2.4V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.7V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.1V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,13V齐纳电压,齐纳稳压二极管) From old datasheet system 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35?荤?灏??,6.2V榻?撼?靛?锛??绾崇ǔ??????)
|
MOTOROLA INC ON Semiconductor
|
OP954 |
PIN Sili con Pho todiode
|
OPTEK Technologies ETC Optek Technology
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
SFT5096G |
1 AMP, 500 Volts High Voltage PNP Transistor
|
Solid States Devices, Inc.
|
ST500A7.51 ST500A9.1V T00023D T00023D-15 |
500 W Transient Voltage Suppressor 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
MC79M12 |
500 mA Negative Voltage Regulators(500 mA 负电压输出稳压器) 500毫安负电压稳压器00毫安的负电压输出稳压器)
|
ON Semiconductor
|
2SA1411 |
Very high DC current gain:hFE=500 to 1600. High VEBO Voltage:VEBO=-10V
|
TY Semiconductor Co., Ltd
|
PBHV9040Z |
500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
|
NXP Semiconductors
|
TCBAV100 TCBAV101 TCBAV102 TCBAV103 |
500 mW LL-34 Hermetically Sealed Glass - High Voltage Switching Diodes
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
SA80 SA51 SA110 SA100 SA43 SA22 SA45A SA150A SA48A |
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 TOOL LONGNOSE ANTI-SHOCK SHEAR RES 21.5 OHM 1/16W .5% 0603 SMD
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
|