PART |
Description |
Maker |
132255-83233 |
SMA END LAUNCH RECETP. JACK, RIBBED FLANGE
|
Amphenol Corporation
|
142-0791-811 |
JACK ASSEMBLY SELF FIXTURING END LAUNCH,SMA, .042 BOARD THICKNESS
|
Emerson Network Power
|
901-10513-2 |
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 15 MIL PIN
|
Amphenol Corporation
|
901-10511-1 |
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 10 MIL PIN
|
Amphenol Corporation
|
PE44210 |
SMA Male Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises, Inc.
|
IDT72264 IDT72264L15G IDT72264L15PF IDT72264L15TF |
VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9 Bi-Directional Triode Thyristor Planar Silicon WAVEGUIDE ADAPTER; WAVEGUIDE TO 7mm; WAVEGUIDE: WR-62; FREQUENCY RANGE: 12.40 - 18.00 GHz WAVEGUIDE ADAPTER; WAVEGUIDE TO 7mm; WAVEGUIDE: WR-90; FREQUENCY RANGE: 8.20 - 12.40 GHz 8321 NOPB PBGA W/ ENCR
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
112740-12 112740-13 112740-14 112740-15 112740-16 |
BNC END LAUNCH RECEPT, JACK, 75 OHMS
|
Amphenol Corporation
|
PE9804 |
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:8:20~12:40 GHz
|
Pasternack Enterprises, Inc.
|
PE9811 |
waveguide to sma male frequency range: 7,0~11,0 GHz
|
Pasternack Enterprises, Inc.
|
PE9819 |
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
|
Pasternack Enterprises, Inc.
|
PEWCT1048 |
WR-42 Waveguide 20 dB Crossguide Coupler, UG-595/U Square Cover Flange, SMA Female Coupled Port, 18 GHz to 26.5 GHz, Bronze
|
Pasternack Enterprises,...
|